Part Number Hot Search : 
2DR2G 1N5804E3 72063 DEJF3E SMWXXXX L2MXE3 00DT1 20005
Product Description
Full Text Search
 

To Download H10113TF205NQ2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lC9 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com l switchlock models available h series 4 & 6 tumbler power switchlocks features/benefits ? positive detent ? multi-pole and multi-position ? snap-together assembly ? power switching typical applications ? machine controls ? elevators specifications contact rating: q contact material: 12 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa). see pagem-42 for additional ratings. electrical life: 10,000 make-and-break cycles at full load. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: C0?oto 85?. indexing: 45oor 90?o2-4-positions. note: any models supplied with q or b contact material are rohs compliant. note: specifications and materials listed above ar e for switchlocks with standar d options. for information on specific and custom switchlocks, consult customer service center. materials lock: zinc alloy with stainless steel facing (4 tumbler locks and 6 tumbler tubular lock). keys: two nickel plated brass keys with code number (4 tumbler). two die cast chrome plated zinc alloy keys (6 tumbler). switch housing: 6/6 nylon (ul 94v-2). cont acts & terminals: q contact material: copper, silver plated. see page l-42 for additional contact materials. contact spring: music wire or stainless steel. mounting nut: zinc alloy. mounting clip: steel, zinc plated. dress nut: brass, nickel plated. terminal seal: epoxy . build-a-switch t o or der , simply select desir ed option fr om each category and place in the appropriate box. available options are shown and described on pages lC0 through lC2. for additional options not shown in catalog, consult customer service center. switch and lock function h10113 sp , 90oindex, keypull pos.1 h2011u dp, 90oindex, keypull pos. 1 & 2 h100aa sp, 45oindex, keypull pos. 1,2 & 3 h200aa dp, 45oindex, keypull pos. 1, 2 & 3 h20113 dp, 90oindex, keypull pos. 1 h1011u sp , 90oindex, keypull pos.1 & 2 h1417u sp, 90oindex, keypull pos. 1,2 & 3 key color none nickel plated brass (4 tumbler) or chrome plated zinc alloy (6 tumbler) 2 black keying 2 two nickel plated brass keys (4 tumbler) or two die cast zinc alloy keys with chrome plating (6 tumbler) t one nickel plated brass key with plastic insert molded square head and one nickel plated brass key lock finish 2 stainless steel facing 8 gloss black facing t erminations 05 quick connect wc wire lead mounting/lock style n with nut d with c lip contact material q silver b gold lock t ype f 4 tumbler lock with detent v 6 t umbler tubular lock
lC 40 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com l switchlock h series 4 & 6 tumbler power switchlocks switch and lock function * * * = de tent positions (45 o or 90 o ) = key pull possible in these positions. = stop po sitions legend terminal numbers t erminal num bers molded on housing. 4 tumbler 6 tumbler part number shown: h101132f205nq part number shown: h1011u2v205nq positions 1, 2 & 3 5-6 8-2 6-8 h1417u sp 4 positions 1 & 2 8-2 8-2, 4-6 7-8 7-8, 3-4 h1011u h2011u sp dp 4 & 6 position 1 8-2 8-2, 4-6 7-8 7-8, 3-4 h10113 h20113 sp dp 4 & 6 45o positions 1, 2 & 3 6-7 6-7, 2-3 8-1 8-1, 4-5 7-8 7-8, 3-4 h100aa h200aa sp dp 4 indexing lock configuration key pull positions connected terminals pos. 1 pos. 2 pos. 3 pos. 4 model no. no. poles no. tumblers 90o all models with all options when ordered with ?r ??otact material.
lC1 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com l switchlock lock type lock finish terminations 1.635 (4 tumbler) (41, 52) a126 .798 (20, 26) .775 (19, 68) nickel plated brass key key part num ber: 115140126 1.766 (4 tumbler) (44, 85) .948 (24, 07) .775 (19, 68) nickel plated brass key with plastic insert molded sq uar e head key pa rt num ber: 11599112602 1.289 (32,74) .902 (22,91) .871 (22,12) code n umber on opposite side of k ey. chrome pla ted zinc alloy key k ey pa rt num ber: 363c1aaaa wc wire lead 05 . 110" quick connect 2 stainless steel facing v 6 tumbler tubular lock f 4 tumbler lock with added detent 8 gloss black facing available with v lock type only. black wire standard, other colors, gages and lengths available, consult customer service center . ul style 1015. note: all or ders keyed alike, standard. for more than one key code, replacement keys, or other special features, consult customer service center. no yes 1 nickel pla ted brass key with plastic inser t molded square head & 1 nickel plated brass key t no yes 2 nickel plated brass keys (4 tumbler) or 2 chrome plated zinc alloy keys (6 tumbler) 2 code no. on lock code no. on key key options option code black 2 nickel plated brass (4 tumbler) or chrome plated zinc alloy (6 tumbler) none key color option code h series 4 & 6 tumbler power switchlocks keying note: key head shape subject to change without notice.
lC 42 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com l switchlock all models with all options when ordered with ?ontact material. contact material bu r r s ide up gra i n direct io n u s p a t n 0 4 5 6 3 6 5 o 0. 65 7 0. 65 2 0. 06 2 0. 06 2 r 0 .6 8 8 -. 0 00 0. 22 5 0. 10 0 0. 03 4 0. 46 8 +.0 6 2 0. 96 5 0. 68 8 1. 00 0 0. 50 0 0. 56 3 0. 32 7 0. 08 5 r 0 .0 4 8 0. 23 5 0. 47 0 0. 10 5 r 0 .3 7 5 0 .0 10 0 .0 10 90 0 .0 0 3 .0 1 0 r 0 .0 3 0 .0 1 0 .0 1 0 ?0 .13 6 p anel mounting n with nut d with clip switch and lock assembly instructions 1. place lock assembly in mounting hole on panel, secure with mounting nut. 2. align keying tab on switch assembly with keying slot on lock assembly. 3. snap assemblies together. 4. switch installation is permanent. switch cannot be r emoved from lock after assembly. attempting to separate switch and lock may cause damage to switchlock. 1 contacts & terminals: copper, with gold plate over nickel plate. 2 contacts & terminals: copper, silver plated. d .065-.085 (1,65-2,16) n .195 (4,95) max. p anel thickness mounting styles nut part number: 175050700 clip part number: 906b00000 h series 4 & 6 tumbler power switchlocks mounting/lock style * note: see technical data section of this catalog for rohs compliant and compatible definition and specifications. co n t ac t an d option co d e te rmin al mater ial ra ti n g q 12 a m ps @ 125 v a c; 6 a m ps @ 2 50 v a c; low leve l/ d ry cir cu it b si l ver 2 po wer 0.4 va m ax . @ 2 0 v a c o r d c m a x. rohs co m pl ian t* rohs co m patib l e* ye s ye s ye s ye s g old 1 1 a m p @ 1 25 v d c ( ul/c s a ) .
lC3 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com l switchlock key code: a126 4 tumbler p art no. (one key) 115140126 material: brass finish: nickel plate key code: aaaa p art no. (one key) 363c1aaaa material: zinc alloy finish: chrome plate key code: a126 4 tumbler p art no. (one key) 1159112602 black material: brass finish: nickel plate6/6 nylon insert molded head h series 4 & 6 tumbler power switchlocks available hardware


▲Up To Search▲   

 
Price & Availability of H10113TF205NQ2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X